Part Number Hot Search : 
28F200 BC847 FM840 P4SMA75C R6006 8797JF 1N459A ADP333
Product Description
Full Text Search
 

To Download M672061F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Active Errata List
* * * Limitation to the operating conditions inside a timing and data marginal configuration Reading Errors Empty Flag Parasitic Pulse
Errata History
Lot Number M67206F, M672061F, M67204F all lot numbers Errata List 1, 2, 3
Radiation Tolerant FIFOs
Errata Description
1. Limitation to the operating conditions inside a timing and data marginal configuration. Rising edge of READ from 0 ns up to 8 ns (typical) before the falling edge of WRITE when only one data is left to read. See Figure 1 for behavior description. Failure Mode: Empty flag glitch and following data shift out 2nd byte corruption occurs when the rising edge of the first "READ" for data shift out occurs before falling edge of the third "WRITE" for data shift in. Worst Case Range: between 0 ns and 11 ns Temperature = 125C Voltage = 4.5V Characterization: -55C / 5.5V: 6 ns 25C / 5V: 8 ns 125C / 4.5V: 11 ns Workaround These FIFOs are functional outside of the above timing and data marginal configuration. The recommended action is to avoid this particular configuration. Please contact Atmel for a case by case application conditions analysis.
M67206F M672061F M67204F Errata Sheet
4140C-AERO-01/06
Figure 1. Behavior Description
1 WR 1 n-1 n-1 n 0-8 ns Wrong data n+1
R
Read n+1 instead of n EF
2. Reading errors. Description Sometimes a bit that has been written "1" is read "0". Failure Conditions 1. 2. 3. 4. Read and write commands fall down almost at the same time, tWLRL parameter in the hereunder table. Write bit "0" on input port while a bit "1" is expected on output port. Reading the 64th+1 (mod 64) location (16th +1 (mod 16) for 4Kx9 FIFO) vs. the writing location. Read pulse (tRLRH) less than the one specified in the hereunder table. WR RD tWLRL In Qn Root Cause The memory array of the 16Kx9 FIFO contains 64 columns, the 4Kx9 contains 16 columns. To reduce the read access time, a pipe line has been implemented on the data path. When the datan is going out of the FIFO, the datan+1 is prefetched for the next read access. When the internal writing and reading are different from 64 (mod 64) (16 (mod 16) ), a write and a read access are made on the same column. Coupling between the read bit-line and the write bit-line only disturbs the pre-fetch operation, forcing the sense amplifier to output "0". Then, the next external reading may be wrong. Characterization Worst case condition: 125C / 4.5V
tWLRL minimum 67206H / 672061H 67204H
0 ns -2 ns
Writing Data n Reading Data n+64+1(mod 64) tRLRH
"0" written "1" expected, "0" read
(n+16+1(mod 16))
H.Z
H.Z
maximum
8 ns 8 ns
tRLRH
30 ns 25 ns
2
4140C-AERO-01/06
Workaround The workaround depends of the available ways to implement it. One of these workarounds is available: 1. No read sequence while write sequence. 2. Control the gap between the read and write locations 3. Control the tWLRL parameter in accordance with the above table. 4. Apply a read pulse tRLRH greater than the value given in the above table.
3. Empty Flag Parasitic Pulse. Description A parasitic positive pulse can be obseved during a FIFO write if it is applied during the read of first data of the FIFO buffer (c.f. hereunder chronograms). Side Effect No side effect on flags computation, internal FIFO control and data integrity. Behavior 1. WR wide pulse width: tWLRH WR RD tRHEH
Expected Data0
tpulse
EF 2. WR short pulse width:
Observed
tWLRH WR RD tRHEH
Expected Data0
EF
Observed
In this case, the falling edge of the parasitic pulse is masked by the beginning of the regular hight level of EF flag. Root Cause Un-controlled delays on input signals of a flags logic decoder generate an internal glitch. This glitch is re-formatted by the on-chip ETD system (Edge Transition Detection) and a parasitic pulse is output on EF pin. Work Around Any of the following workarounds can be used: 1. No write sequence while read sequence. 2. EF evaluation according to the following characterization.
3
4140C-AERO-01/06
Characterization * Un-functionning window - t WLRH:
from up to
10 ns 6 ns
Condition
Vcc min, +125C Vcc Max, -55C
t WLRH
* Parasitic pulse delay - t RHEH:
0 ns 0 ns
delay
Condition
Vcc min, +125C Vcc Max, -55C
t RHEH
* Parasitic pulse width- t pulse:
15 ns 8 ns
width
Comment
Maximum
t pulse
20 ns
4
4140C-AERO-01/06
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. (c) Atmel Corporation 2006. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
4140C-AERO-01/06


▲Up To Search▲   

 
Price & Availability of M672061F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X